PART |
Description |
Maker |
EKA EKA06PB133O00 |
Aluminum Electrolytic Capacitors, Radial Style, Polarized AI Electrolytic Capacitor, High C-U Product, Very Small Dimensions CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 3.3 uF, THROUGH HOLE MOUNT RADIAL LEADED Aluminum Electrolytic Capacitors, Radial Style(径向引线铝电解电
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc.
|
ECOG2WP392D ECOG2CP123D ECOG2CP153D ECOG2CP183D EC |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 8200 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 8200 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 160 V, 18000 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 160 V, 12000 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 160 V, 15000 uF, CHASSIS MOUNT RADIAL LEADED Screw Terminal Type
|
Panasonic, Corp. Panasonic Semiconductor
|
401C383T025AB8L 401C153U050AB8L 401C133T063AB8L 40 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 38000 uF, THROUGH HOLE MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 15000 uF, THROUGH HOLE MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 13000 uF, THROUGH HOLE MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 40 V, 23000 uF, THROUGH HOLE MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 18000 uF, THROUGH HOLE MOUNT RADIAL LEADED, CAN
|
Cornell Dubilier Electronics, Inc.
|
URZA6.3VG103U25X41LL URZA6.3VG153U19X81LL URZA6.3V |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 10000 uF, THROUGH HOLE MOUNT RADIAL LEADED-3 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 15000 uF, THROUGH HOLE MOUNT RADIAL LEADED-3 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 27000 uF, THROUGH HOLE MOUNT RADIAL LEADED-3 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 22000 uF, THROUGH HOLE MOUNT RADIAL LEADED-3 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 3300 uF, THROUGH HOLE MOUNT RADIAL LEADED-3
|
Nippon Chemi-con, Corp.
|
NRSZ122M25V12.5X25TRF NRSZ681M35V12.5X20TRF NRSZ56 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 1200 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 680 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 5600 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 560 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 330 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 4700 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
NIC Components, Corp.
|
687KXM010M 688KXM010M 227KXM010M 228KXM010M 107KXM |
105隆?C Low Impedance Radial Lead Aluminum Electrolytic Capacitors 105掳C Low Impedance Radial Lead Aluminum Electrolytic Capacitors 105°C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
|
Illinois Capacitor, Inc...
|
UFW1E101MED1TA |
Aluminum Electrolytic Radial Lead Audio Grade Capacitor; Capacitance: 100uF; Voltage: 25V; Case Size: 6.3x11 mm; Packaging: Tape & Ammo CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 100 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
1AD0JWB228MSS12020 1AD1AWB228MSS12020 1AD1CWB228MS |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 2200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 2200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 2200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 1000 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 470 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 330 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 470 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 1000 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 100 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Samwha Electronics
|
CU1K479M64140SB CU2A159M64140SB CU1J689M64140SB |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 47000 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 15000 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 68000 uF, CHASSIS MOUNT RADIAL LEADED
|
Samwha Electronics
|
|